Part Number Hot Search : 
45984 59120 IDT72230 11021 R5F21 KTC601U H25N12 FP10100A
Product Description
Full Text Search
 

To Download 2SK3698-01 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SK3698-01
FUJI POWER MOSFET
N-CHANNEL SILICON POWER MOSFET
Outline Drawings [mm]
TO-220AB
200305
Super FAP-G Series
Features
High speed switching Low on-resistance No secondary breadown Low driving power Avalanche-proof
Applications
Switching regulators UPS (Uninterruptible Power Supply) DC-DC converters
Maximum ratings and characteristicAbsolute maximum ratings
(Tc=25C unless otherwise specified)
Item Drain-source voltage Continuous drain current Pulsed drain current Gate-source voltage Repetitive or non-repetitive Maximum Avalanche Energy Maximum Drain-Source dV/dt Peak Diode Recovery dV/dt Max. power dissipation Operating and storage temperature range Symbol Ratings VDS 900 VDSX *5 900 ID 3.7 ID(puls] 14.8 VGS 30 IAR *2 3.7 EAS *1 171.1 dVDS/dt *4 40 dV/dt *3 5 PD Ta=25C 2.02 Tc=25C 120 Tch +150 -55 to +150 Tstg Unit V V A A V A mJ kV/s kV/s W
Equivalent circuit schematic
Drain(D)
Gate(G) Source(S)
*1 L=22.9mH, Vcc=90V, Tch=25C See to Avalanche Energy Graph *3 IF< -ID, -di/dt=50A/s, Vcc < BVDSS, Tch < 150C *4 VDS< 900V = = = =
C C *2 Tch <150C = *5 VGS=-30V
Electrical characteristics (Tc =25C unless otherwise specified)
Item Drain-source breakdown voltaget Gate threshold voltage Zero gate voltage drain current Gate-source leakage current Drain-source on-state resistance Forward transcondutance Input capacitance Output capacitance Reverse transfer capacitance Turn-on time ton Turn-off time toff Total Gate Charge Gate-Source Charge Gate-Drain Charge Avalanche capability Diode forward on-voltage Reverse recovery time Reverse recovery charge Symbol V(BR)DSS VGS(th) IDSS IGSS RDS(on) gfs Ciss Coss Crss td(on) tr td(off) tf QG QGS QGD IAV VSD trr Qrr Test Conditions ID= 250A VGS=0V ID= 250A VDS=VGS VDS=900V VGS=0V Tch=25C Tch=125C VDS=720V VGS=0V VGS=30V VDS=0V ID=1.85A VGS=10V ID=1.85A VDS=25V VDS=25V VGS=0V f=1MHz VCC=600V ID=1.85A VGS=10V RGS=10 VCC=450V ID=3.7A VGS=10V L=22.9mH Tch=25C IF=3.7A VGS=0V Tch=25C IF=3.7A VGS=0V -di/dt=100A/s Tch=25C
Min.
900 3.0
Typ.
Max.
5.0 25 250 100 4.30 650 90 5 29 11 48 26 24.8 9.6 5.6 1.50
Units
V V A nA S pF
2
3.31 4 430 60 3.5 19 7 32 17 16.5 6.4 3.7 0.9 1.0 4.0
ns
nC
3.7
A V s C
Thermalcharacteristics
Item Thermal resistance Symbol Rth(ch-c) Rth(ch-a) Test Conditions channel to case channel to ambient
Min.
Typ.
Max.
1.042 62.0
Units
C/W C/W
1
2SK3698-01
Characteristics
Allowable Power Dissipation PD=f(Tc)
FUJI POWER MOSFET
150
5
Typical Output Characteristics ID=f(VDS):80 s pulse test,Tch=25C
20V 10V 7.0V 6.5V
125 4 6.0V 100 3
PD [W]
75
ID [A]
2
50 VGS=5.5V 25 1
0 0 25 50 75 100 125 150
0 0 5 10 15 20 25
Tc [C]
VDS [V]
Typical Transfer Characteristic ID=f(VGS):80 s pulse test,VDS=25V,Tch=25C
10
Typical Transconductance gfs=f(ID):80 s pulse test,VDS=25V,Tch=25C
ID[A]
1
gfs [S]
1 0.1
0
1
2
3
4
5
6
7
8
9
10
0.1
ID [A]
1
10
VGS[V]
Typical Drain-Source on-state Resistance RDS(on)=f(ID):80 s pulse test,Tch=25C
VGS=5.5V 4.4 6.0V 6.5V 7.0V 4.2 10V
12
Drain-Source On-state Resistance RDS(on)=f(Tch):ID=1.85A,VGS=10V
10
RDS(on) [ ]
4.0
20V
8
3.8
RDS(on) [ ]
6 max.
3.6
4 3.4 2
typ.
3.2
3.0 0 1 2 3 4 5
0 -50 -25 0 25 50 75 100 125 150
ID [A]
Tch [C]
2
2SK3698-01
FUJI POWER MOSFET
7.0 6.5 6.0 5.5 5.0
Gate Threshold Voltage vs. Tch VGS(th)=f(Tch):VDS=VGS,ID=250A
14
Typical Gate Charge Characteristics VGS=f(Qg):ID=3.7A,Tch=25C
12 Vcc= 180V 450V 720V 8
max.
10
VGS(th) [V]
4.5
3.5 3.0 2.5 2.0 1.5 1.0 0.5 0.0 -50 -25 0 25 50 75 100 125 150 min.
VGS [V]
4.0
6
4
2
0 0 5 10 15 20 25
Tch [C]
Qg [nC]
Typical Capacitance C=f(VDS):VGS=0V,f=1MHz
10
Typical Forward Characteristics of Reverse Diode IF=f(VSD):80 s pulse test,Tch=25C
10
0
Ciss
C [nF]
10
-1
IF [A]
1
Coss
10
-2
Crss
10
-3
10
0
10
1
10
2
0.1 0.00
0.25
0.50
0.75
1.00
1.25
1.50
VDS [V]
VSD [V]
10
3
Typical Switching Characteristics vs. ID t=f(ID):Vcc=600V,VGS=10V,RG=10
350
Maximum Avalanche Energy vs. starting Tch E(AS)=f(starting Tch):Vcc=90V
IAS=2A
300 tf 250 10
2
IAS=3A
EAS [mJ]
td(off)
200 IAS=3.7A 150
t [ns]
td(on) 10
1
100 tr 50
10
0
0
-1
10
10
0
10
1
0
25
50
75
100
125
150
ID [A]
starting Tch [C]
3
2SK3698-01
FUJI POWER MOSFET
10
2
Maximum Avalanche Current Pulsewidth IAV=f(tAV):starting Tch=25C,Vcc=90V
Avalanche Current I AV [A]
10
1
Single Pulse
10
0
10
-1
10 -8 10
-2
10
-7
10
-6
10
-5
10
-4
10
-3
10
-2
tAV [sec]
10
1
Maximum Transient Thermal Impedance Zth(ch-c)=f(t):D=0
10
0
Zth(ch-c) [C/W]
10
-1
10
-2
10
-3
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
t [sec]
http://www.fujielectric.co.jp/denshi/scd/
4


▲Up To Search▲   

 
Price & Availability of 2SK3698-01

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X